Part Number Hot Search : 
UA776ID 2SC4613T ATC100B 4840S D9F2F000 25X20 VBC5027C TH8055
Product Description
Full Text Search
 

To Download C023M-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESCO23M-15 (5A)
LOW LOSS SUPER HIGH SPEED RECTIFIER
( 600V,1500V / 5A )
Outline drawings, mm
15.5 0.3 o3.2 0.2
5.5 0.2 9.3 0.3
5.5
0.3
3.2 +0.3
2.3 0.2
Features
Insulated package by fully molding Low VF Super high speed switching High reliability by planer design
2.10.3
1.6 0.3 1.1 --0.1
+0.2
20 Min
21.5
0.3
5.45 0.2
5.45 0.2
0.6 +0.2
3.5 0.2
JEDEC EIAJ
1. Gate 2. Drain 3. Source
Applications
High speed power switching
Connection diagram
Maximum ratings and characteristics
Absolute maximum ratings
Item Symbol Conditions
1 2 3
Rating 1 to 2 2 to 3 1500 1500 1500 5 50 80
Unit
Repetitive peak reverse voltage
VRRM
600 600 Terminals to Case, AC. 1min. Tc=100C Sine wave 10ms
V V V A A C C
Repetitive peak surge reverse voltage VRSM Isolating voltage Average output current Surge current Operating junction temperature Storage temperature V iso IO IFSM Tj Tstg
-40 to +150 -40 to +150
Electrical characteristics (Ta=25C Unless otherwise specified )
Item Symbol Conditions Max. 1 to 2 Forward voltage drop Reverse current Reverse recovery time Thermal resistance VFM IRRM t rr Rth(j-c) IFM=4A VR=VRRM IF=0.1A, IR=0.1A Junction to case 3.0 500 0.15 2.5 2 to 3 1.8 50 0.6 V A s C/W Unit
ESCO23M-15 (5A)
Characteristics
(1)-(2) Forward Characteristic (typ.)
( 600V,1500V / 5A )
(2)-(3) Forward Characteristic (typ.)
10
10
IF Forward Current (A)
IF Forward Current (A)
Tj=125C 1 Tj=100C Tj=25C
1
Tj=125C Tj=100C Tj=25C
0.1
0.1
0.01 0 1 2 3 4
0.01 0.5 1.0 1.5 2.0 2.5
VF Forward Voltage (V)
VF Forward Voltage (V)
(1)-(2) Reverse Characteristic (typ.)
10
3
(2)-(3) Reverse Characteristic (typ.)
10
2
10
2
Tj=125C Tj=100C
10
1
Tj=125C
Tj=100C
IR Reverse Current (A)
Tj=25C 10
1
IR Reverse Current (A)
10
0
10
0
10
-1
Tj=25C
10
-1
10
-2
10
-2
0
100
200
300
400
500
600
700
10
-3
0
200
400
600
800
1000
1200
1400
1600
VR Reverse Voltage (V)
VR Reverse Voltage (V)
(1)-(2) Junction Capacitance Characteristic (typ.)
(2)-(3) Junction Capacitance Characteristic (typ.)
Junction Capacitance (pF)
Junction Capacitance (pF) Cj
1 10 100
100
100
10
10
Cj
1
1 1 10 100
VR
Reverse Voltage (V)
VR
Reverse Voltage (V)
ESCO23M-15 (5A)
(1)-(2) Surge Capability
100 100
( 600V,1500V / 5A )
(2)-(3) Surge Capability
(A)
Peak Half - Wave Current
Peak Half - Wave Current IFSM
(A)
10 10 1 1 10 1 1 10
IFSM
Number of Cycles at 50Hz
Number of Cycles at 50Hz
Current Derating (Io-Tc)
160 150 140 130 120
(C)
110 100 90 80 70 60 50
DC Square wave =180C Sine wave =180C Square wave =120C
Case Temperature
Square wave =60C
Tc
40 30 20 0 1 2 3 4 5 6 7
Io
Average Output Current
(A)
:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Transient Thermal Impedance
(C/W) Transient Thermal Impedance
10
0
10
-1
10
-3
10
-2
10
-1
10
0
10
1
10
2
t
Time
(sec)


▲Up To Search▲   

 
Price & Availability of C023M-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X